Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17451AFP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA17451AFP
Description  Switching Regulator Controllers for DC/DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17451AFP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA17451AFP Datasheet HTML 1Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HA17451AP/HA17451AFP
3
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CT
R
T
NON. INV.
INPUT1
INV.
INPUT1
FEED
BACK1
D.T.C1
OUT1
GND
Vref
NON. INV.
INPUT2
INV.
INPUT2
FEED
BACK2
D.T.C2
OUT2
VCC
S.C.P
(Top view)
Pin Functions
Pin No.
Symbols
Functions
1C
T
Timing capacitor
2R
T
Timing resistor
3, 14
NON. INV. INPUT
Non-inverting input of error amp
4, 13
INV. INPUT
Inverting input of error amp
5, 12
FEEDBACK
Output of error amp
6, 11
D.T.C
Dead time control
7, 10
OUT
Output
8
GND
Ground
9V
CC
Input voltage
15
S.C.P
Short circuit protection
16
Vref
Reference voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com