Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM0190P Datasheet(PDF) 1 Page - E-SWITCH

Part # XM0190P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XM0190P Datasheet(HTML) 1 Page - E-SWITCH

  XM0190P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966WIREASSYWA100170
1:1
10/4/2011
XM0190P
E
rc
1
1
22-0695-02
REV A0
E-SWITCH
Made in China
ESW
mm/yy
LABEL
INFORMATION
13
12
12
13
WIRE NO. COLOR
SWITCH PIN CONNECTOR PIN
1
2
3
4
BLACK
BLACK
RED
RED
1a
1a
1
1
4
3
2
1
A
20195
Release for Production
10/04/11
BMA
69.4 `5.00
2.732 `.197 in
[
]
RED WIRE
(2)
BLACK WIRE
(2)
MOLEX RECEPTACLE (43025-400 QTY 1)
MOLEX TERMINAL (43030-0003 QTY 4)
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. SWITCH RATING: 15A @125VAC;
8A @250VAC.
CONNECTOR RATING: 5A MAX; 250V
5. OPERATING TEMP.: -30°C TO +65°C
6. MATERIAL:
R1966 ROCKER:
UL FILE NUMBER: E121922
cUL FILE NUMBER: E121922
VDE FILE NUMBER: 40018253
MOLEX CONNECTOR:
UL FILE NUMBER E29179
CSA FILE NUMBER: LR19980
TUV FILE NUMBER: 72081037
7. ELECTRICAL LIFE: 10,000 CYCLES.
8. CONTACT RESISTANCE: ,20 MILLI-OHMS. INITIAL.
9.DIELECTRIC STRENGTH: .1500 VAC FOR 1 MINUTE.
10.
DENOTES CRITICAL PARAMETER.
11. ALL PLASTIC MATERIALS FOR THE R1966 TO BE UL94V0 RATED.
12. WIRE TO BE UL VW-1 & CSA FT1 APPROVED; UL1007/1569, 300V, 105°C
AWG 22 STRANDED. PVC INSULATION.
13. LABEL TO BE WRAPPED AROUND ALL 4 WIRES AT POSITION SHOWN
AND MUST CONTAIN THE INFORMATION LISTED.
14. PVC LABEL, ALL PRINTING TO BE BLACK, PERMANENT, LEGIBLE, AND SMUDGE PROOF.
LABEL
10.00
[.394 in]
MIN.
CONNECTOR
PIN #1
CONNECTOR
PIN #2
SHRINK TUBING
TO COVER SOLDER
JOINTS
2 PLACES
DENOTES
MONTH/YEAR
FOR MANUFACTURING
DATE PER ORDER
R1966ABLKBLKGSUL94V0
B
20250
CHANGE NOTE : #5
11/1/11
BGL
C
20298
UPDATE DRAWING TITLE
11/21/11
BMA
D
20447
UPDATE LABEL SHAPE
2/1/12
BGL
E
21214
CORRECT SWITCH GRAPHIC ORIENTATION
8/22/13
EBP
E


Similar Part No. - XM0190P

ManufacturerPart #DatasheetDescription
logo
Xmos Ltd.
XM014034B XMOS-XM014034B Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
XM014035B XMOS-XM014035B Datasheet
2Mb / 101P
XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
2021/7/15
XM014429B XMOS-XM014429B Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
XM014531A XMOS-XM014531A Datasheet
3Mb / 20P
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
2022/7/21
XM014532A XMOS-XM014532A Datasheet
3Mb / 99P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
2022/09/28
More results

Similar Description - XM0190P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com