Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet (PDF) - Xmos Ltd.

XM014035B Datasheet PDF - Xmos Ltd.
Part # XM014035B
Download  XM014035B Download
File Size   3048.03 Kbytes
Page   101 Pages
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.
Description XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)

XM014035B Datasheet (PDF)

Go To PDF Page Download Datasheet
XM014035B Datasheet PDF - Xmos Ltd.

Part # XM014035B
Download  XM014035B Click to download

File Size   3048.03 Kbytes
Page   101 Pages
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.
Description XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)

XM014035B Datasheet (HTML) - Xmos Ltd.


XM014035B Product details

2 XU316-1024-FB265 Features
· Multicore Microcontroller with Advanced Multi-Core RISC Architecture
• 16 real-time logical cores on 2 xCORE tiles
• Cores share up to 1200 MIPS
— Up to 2400 MIPS in dual issue mode
— Up to 1200 MFLOPS
• Each logical core has:
— Guaranteed throughput of between 1/5 and 1/8 of tile MIPS
— 16x32bit dedicated registers
• 229 high-density 16/32-bit instructions
— All have single clock-cycle execution (except for divide)
— 32x32!64-bit MAC instructions for DSP, arithmetic and cryptographic functions
• Vector unit, capable of:
— up to eight word, 16 half-word, or 32 byte multiply-adds.
— quad complex multiply, or 256 bit-wide multiply-adds.
· USB PHY, fully compliant with USB 2.0 specication
· MIPI receiver, up to two lanes, up to 1.5 Gbit/s
· Application PLL with fractional control
· Programmable I/O
• 128 general-purpose I/O pins, congurable as input or output
— Up to 32 x 1bit port, 12 x 4bit port, 8 x 8bit port, 4 x 16bit port, 2 x 32bit port
— 8 xCONNECT links
• Port sampling rates of up to 60MHz with respect to an external clock
• 64 channel ends (32 per tile) for communication with other cores, on or off-chip
• 1.8V/3.3V IO with programmable drive strength
· Memory
• 1MB internal single-cycle SRAM (512KB per tile) for code and data storage
• 8KB internal OTP (shared between tiles or split providing 4KB per tile) for application boot code
· Hardware resources
• 12 clock blocks (6 per tile)
• 20 timers (10 per tile)
• 8 locks (4 per tile)
· JTAG Module for On-Chip Debug
· Security Features
• Programming lock disables debug and prevents read-back of memory contents
• AES bootloader ensures secrecy of IP held on external ash memory
· Ambient Temperature Range
• 0 °C to 70 °C
· Speed Grade
• 24: 600 MHz; up to 2400 MIPS, 1200 MFLOP/s, 38.4 GMACC/s
• 32: 800 MHz; up to 3200 MIPS, 1600 MFLOP/s, 51.2 GMACC/s
· Power Consumption
• 300mA (typical)
· 265-pin FBGA package 0.8mm pitch




Similar Part No. - XM014035B

ManufacturerPart #DatasheetDescription
logo
Xmos Ltd.
XM014034B XMOS-XM014034B Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
More results


Similar Description - XM014035B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
logo
AMIC Technology
AP160 AMICC-AP160 Datasheet
677Kb / 25P
8-BIT MICROCONTROLLER WITH 8KB OTP
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
GPM8F3232A GENERALPLUS-GPM8F3232A Datasheet
1Mb / 90P
44/28/24 Pin 8-bit Microcontroller with 32/16/8KB Flash
logo
Xmos Ltd.
XU316-1024-QF60A XMOS-XU316-1024-QF60A Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
XU316-1024-QF60B XMOS-XU316-1024-QF60B Datasheet
2Mb / 83P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
2021/06/25
XU316-1024-TQ128 XMOS-XU316-1024-TQ128 Datasheet
3Mb / 99P
XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
2022/09/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com