Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3604 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF3604
Description  High Power and current handing capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF3604 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF3604 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF3604 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF3604
D
G
S
DESCRIPTION
The SSF3604 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge .This
device is well suited for Power Management and
load switching applications common in Notebook
Computers and Portable Battery Packs.
Schematic diagram
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SSF3604
SSF3604
SOP-8
Ø330mm
12mm
2500 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
ID(25℃)
18.5
A
ID(70℃)
13
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
74
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
50
℃
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
30
V
GENERAL FEATURES
●
V
= 30V,I
DS
D =18.5A
< 6.0mΩ @ V
RDS(ON)
GS=4.5V
< 4.5mΩ @ V =10V
RDS(ON)
GS
●
High Power and current handing capability
●
Lead free product is acquired
Marking and pin Assignment
●
Surface Mount Package
Application
●
PWM applications
●
Load switch
●
Power management
SOP-8 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0


Similar Part No. - SSF3604

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3605S SILIKRON-SSF3605S Datasheet
478Kb / 7P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF3605S GOOD-ARK-SSF3605S Datasheet
447Kb / 4P
30V P-Channel MOSFET
SSF3605S GOOD-ARK-SSF3605S_15 Datasheet
447Kb / 4P
30V P-Channel MOSFET
logo
Silikron Semiconductor ...
SSF3606 SILIKRON-SSF3606 Datasheet
414Kb / 7P
PWM applications
logo
GOOD-ARK Electronics
SSF3606 GOOD-ARK-SSF3606 Datasheet
726Kb / 6P
30V N-Channel MOSFET
More results

Similar Description - SSF3604

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com