Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSALF240 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSALF240
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALF240 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSALF240 Datasheet HTML 1Page - Wall Industries,Inc. PSALF240 Datasheet HTML 2Page - Wall Industries,Inc. PSALF240 Datasheet HTML 3Page - Wall Industries,Inc. PSALF240 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B
PSALF240 Series
Built-in Active PFC Function
Up to 240 Watts, Single Outputs
AC/DC LED Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/13/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSALF240 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
AC Input voltage range (“H” type)
90
277
VAC
Input Voltage
DC input voltage range
120
370
VDC
Input Frequency
47
63
Hz
115VAC
3
Input Current
230VAC
Full load
1.5
A
115VAC
30
Inrush Current
230VAC
< 2ms
60
A
115VAC
0.97
Power Factor
230VAC
Full load
0.93
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Constant Current Range
See Table
Voltage Adjustment Range
-5
+5
%
Voltage Accuracy
-2
+2
%
Output Current (Convection)
See Table
Current Adjustment Range
See Table
Line Regulation
LL to HL
-1
+1
%
Load Regulation
No load to full load
-1
+1
%
Output Power
See Table
Minimum Load
0
A
Max Capacitive Load
470µF - 23,000µF depending on model
Hold-Up Time
8
ms
Temperature Coefficient
0 ~ 50°C
-0.02
+0.02
°C
PROTECTION
Short Circuit Protection
auto-recovery
Over Voltage Protection
auto-recovery
Over Power Protection
auto-recovery
Over Temperature Protection
auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
80
KHz
Input to output
3000
Input to FG
1500
Isolation Voltage
Output to FG
500
VAC
Leakage Current
0.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-25
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
%
Vibration
10~500Hz, 5G 10min/1cycle, 60 min. each along X, Y, Z axes
Cooling
Free air convection
MTBF
MIL-HDBK-217F and 25°C
> 100,000 hours
PHYSICAL SPECIFICATIONS
Weight
2.23lbs (1010g)
Dimensions (L x W x H)
8.35 x 2.76 x 1.50 inches (212.2 x 70.0 x 38.0 mm)
SAFETY & EMC
Safety Approvals
UL60950-1, CE
EMI (Conducted and Radiated Emissions)
EN 55022
EMC
EMS (Noise Immunity)
EN 55024 (Surge 4KV)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com