Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSALF240 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSALF240
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALF240 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSALF240 Datasheet HTML 1Page - Wall Industries,Inc. PSALF240 Datasheet HTML 2Page - Wall Industries,Inc. PSALF240 Datasheet HTML 3Page - Wall Industries,Inc. PSALF240 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/11/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. B
PSALF240 SERIES
90~264VAC or 120~370VDC Input (H Type up to 277VAC)
Single Outputs, Built-in Active PFC Function
With Constant Current and Constant Voltage
240 Watt AC/DC LED Switching Power Supplies
FEATURES
 Single Outputs
 RoHS Compliant
 Built-in Active PFC Function, PF > 0.97
 Up to 240 Watts Maximum Output Power
 UL60950-1 and CE Safety Approvals
 Free Air Convection
 LED Power Applications
 90~264VAC or 120~370VDC Input (H Type up to 277VAC)
 Over Voltage, Over Power, Over Temperature, and Short
Circuit Protection
 With Constant Current and Constant Voltage
 Output Voltage and Constant Current Level can be Adjusted
through Internal Potentiometer
 IP65 Design for Indoor or Outdoor LED Installations
DESCRIPTION
The PSALF240 series of AC/DC LED switching power supplies offers up to 240 Watts of output power in a 8.35”
x 2.76” x 1.50” case. This series consists of 12V, 24V, 28V, 36V, and 48VDC single output models with a
90~264VAC (up to 277VAC for “H” type) or 120~370VDC input voltage range. These supplies also have a
power factor greater than 0.97 at 115VAC and are protected against short circuit, over power, over voltage, and
over temperature conditions. The PSALF240 series has an IP65 design making it ideal for indoor or outdoor LED
installations. These supplies are RoHS compliant and have UL60950-1 and CE safety approvals.


Similar Part No. - PSALF240

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSALC WALL-PSALC Datasheet
508Kb / 4P
AC/DC Switching Power Supplies
PSALC-12S WALL-PSALC-12S Datasheet
508Kb / 4P
AC/DC Switching Power Supplies
PSALC-14S WALL-PSALC-14S Datasheet
508Kb / 4P
AC/DC Switching Power Supplies
PSALC-15S WALL-PSALC-15S Datasheet
508Kb / 4P
AC/DC Switching Power Supplies
PSALC-24S WALL-PSALC-24S Datasheet
508Kb / 4P
AC/DC Switching Power Supplies
More results

Similar Description - PSALF240

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
AC/DC LED Switching Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
AC/DC LED Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com