Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW22N60U Datasheet(PDF) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW22N60U
Description  N-channel TO-3P MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW22N60U Datasheet(HTML) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW22N60U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev. 1.0
Fig. 8. Transient thermal response curve
4/5
SAMWIN
SW22N60U
Fig. 7. Maximum safe operating area
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 9. Gate charge test circuit & waveform
Fig. 10. Switching time test circuit & waveform
V
DS
Same type
as DUT
DUT
V
GS
6mA
Q
G
Q
GS
Q
GD
V
GS
Charge
nC
10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com