Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW22N60U Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW22N60U
Description  N-channel TO-3P MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW22N60U Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW22N60U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW22N60U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev. 1.0
Features
■ High ruggedness
■ R
DS(ON) (Max 0.35Ω)@VGS=10V
■ Gate Charge (Typ 124 nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. It is mainly suitable for half bridge or full bridge resonant topology like a
electronic ballast, and also low power switching mode power appliances.
N-channel TO-3P MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
22*
A
Continuous Drain Current (@T
C=100
oC)
14*
A
I
DM
Drain current pulsed
(note 1)
88
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
583
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
100
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
520
W
Derating Factor above 25oC
4.2
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.24
oC/W
R
thcs
Thermal resistance, Case to Sink
0.3
oC/W
R
thja
Thermal resistance, Junction to ambient
36.1
oC/W
1/5
BV
DSS : 600V
I
D
: 22A
R
DS(ON) : 0.35Ω
1
2
3
SW22N60U
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SWW 22N60
SW22N60U
TO-3P
TUBE
Order Codes
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
1
2
3
TO-3P


Similar Part No. - SW22N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW22N65D SEMIPOWER-SW22N65D Datasheet
757Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW22N65D SEMIPOWER-SW22N65D_V01 Datasheet
649Kb / 6P
N-channel Enhanced mode TO-247 MOSFETS
Apr. 2019.
More results

Similar Description - SW22N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
N-channel TO-220 MOSFET
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
N-channel TO-3P MOSFET
SW20N60U SEMIPOWER-SW20N60U Datasheet
674Kb / 5P
N-channel TO-3P MOSFET
SW60N06T SEMIPOWER-SW60N06T Datasheet
751Kb / 5P
N-channel TO-220 MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
N-channel TO-220 MOSFET
logo
Foshan Blue Rocket Elec...
BRP50N20 FOSHAN-BRP50N20 Datasheet
870Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N90 FOSHAN-BRU20N90 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
IRFP3205 FOSHAN-IRFP3205 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com