Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT182 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ACT182
Description  Carry Lookhead Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT182 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ACT182 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HD74AC182/HD74ACT182
Carry Lookhead Generator
Description
The HD74AC182/HD74ACT182 is a high-speed carry lookahead generator. It is generally used with the
HD74AC181 or HD74AC381 4-bit arithmetic logic unit to provide high-speed lookahead over word
lengths of more than four bits.
Features
• Outputs Source/Sink 24 mA
• HD74ACT182 has TTL-Compatible Inputs
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
G1
P1
G0
P0
G3
P
P3
GND
VCC
P2
G2
Cn
Cn+X
Cn+y
G
Cn+z
(Top view)


Similar Part No. - HD74ACT182

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT107 HITACHI-HD74ACT107 Datasheet
57Kb / 10P
Dual JK Flip-Flop (with Separate Clear and Clock)
logo
Renesas Technology Corp
HD74ACT107 RENESAS-HD74ACT107 Datasheet
214Kb / 7P
Dual JK Flip-Flop (with Separate Clear and Clock)
logo
Hitachi Semiconductor
HD74ACT112 HITACHI-HD74ACT112 Datasheet
59Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Renesas Technology Corp
HD74ACT112 RENESAS-HD74ACT112 Datasheet
240Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
Jul.16.2004
logo
Hitachi Semiconductor
HD74ACT125 HITACHI-HD74ACT125 Datasheet
51Kb / 8P
Quad Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74ACT182

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F182DM NSC-54F182DM Datasheet
164Kb / 8P
Carry Lookahead Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
logo
Fairchild Semiconductor
74F182 FAIRCHILD-74F182 Datasheet
57Kb / 8P
Carry Lookahead Generator
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Renesas Technology Corp
HD74AC182 RENESAS-HD74AC182 Datasheet
207Kb / 7P
Carry Lookahead Generator
logo
Motorola, Inc
MC5474F182 MOTOROLA-MC5474F182 Datasheet
99Kb / 4P
CARRY LOOKAHEAD GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com