Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708S Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM708S
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM708S Datasheet HTML 12Page - STMicroelectronics STM708S Datasheet HTML 13Page - STMicroelectronics STM708S Datasheet HTML 14Page - STMicroelectronics STM708S Datasheet HTML 15Page - STMicroelectronics STM708S Datasheet HTML 16Page - STMicroelectronics STM708S Datasheet HTML 17Page - STMicroelectronics STM708S Datasheet HTML 18Page - STMicroelectronics STM708S Datasheet HTML 19Page - STMicroelectronics STM708S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Typical operating characteristics
STM706T/S/R, STM706P, STM708T/S/R
16/32
Doc ID 10518 Rev 12
Figure 15.
Power-up trec vs. temperature
Figure 16.
Normalized reset threshold vs. temperature
AI09144b
Temperature (°C)
210
215
220
225
230
235
240
–40
–20
0
20
40
60
80
100
120
VCC = 3.0 V
VCC = 4.5 V
VCC = 5.5 V
Temperature (°C)
AI09145b
0.996
0.998
1.000
1.002
1.004
–40
–20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com