Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM708S
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM708S Datasheet HTML 16Page - STMicroelectronics STM708S Datasheet HTML 17Page - STMicroelectronics STM708S Datasheet HTML 18Page - STMicroelectronics STM708S Datasheet HTML 19Page - STMicroelectronics STM708S Datasheet HTML 20Page - STMicroelectronics STM708S Datasheet HTML 21Page - STMicroelectronics STM708S Datasheet HTML 22Page - STMicroelectronics STM708S Datasheet HTML 23Page - STMicroelectronics STM708S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Typical operating characteristics
STM706T/S/R, STM706P, STM708T/S/R
20/32
Doc ID 10518 Rev 12
Figure 23.
Power-fail comparator response time (de-assertion)
Figure 24.
Maximum transient duration vs. reset threshold overdrive
AI09154b
5V
1.3 V
PFI
1V/div
0V
500 mV / div
0V
500 ns / div
PFO
Reset comparator overdrive, VRST – VCC (V)
Reset occurs
above the curve
AI09156b
0
1000
2000
3000
4000
5000
6000
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com