Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1801 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 6Page - STMicroelectronics STMPE1801 Datasheet HTML 7Page - STMicroelectronics STMPE1801 Datasheet HTML 8Page - STMicroelectronics STMPE1801 Datasheet HTML 9Page - STMicroelectronics STMPE1801 Datasheet HTML 10Page - STMicroelectronics STMPE1801 Datasheet HTML 11Page - STMicroelectronics STMPE1801 Datasheet HTML 12Page - STMicroelectronics STMPE1801 Datasheet HTML 13Page - STMicroelectronics STMPE1801 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Electrical specification
STMPE1801
10/60
Doc ID 17884 Rev 3
4.2
Input/Output DC electrical characteristics
Table 7.
I/O DC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VIL
Low level input voltage
VCC = 1.8 V
−−
0.2 VCC
V
VCC = 3.3 V
−−
0.2 VCC
VIH
High level input voltage
VCC = 1.8 V
0.8 VCC
−−
V
VCC = 3.3 V
0.8 VCC
−−
VHYST
Schmitt trigger hysteresis
VCC = 1.8 V
−
0.10
−
V
VCC = 3.3 V
−
0.20
−
VOL
Low level output voltage
IOL = 4 mA,
VCC = 1.8 V
−−
0.45
V
IOL = 4 mA,
VCC = 3.3 V
−−
0.45
VOH
High level output voltage
IOH = -4 mA,
VCC = 1.8 V
1.35
−−
V
IOH = -4 mA,
VCC = 3.3 V
2.48
−−
RUP
Equivalent pull-up
resistance
VCC = 3.3 V.
Active
implementation,
R value is
determined by the
current measured
at 0 V
30
60
90
k
Ω
VCC = 1.8 V. Active
implementation,
R value is
determined by the
current measured
at 0 V
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com