Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1801 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 41Page - STMicroelectronics STMPE1801 Datasheet HTML 42Page - STMicroelectronics STMPE1801 Datasheet HTML 43Page - STMicroelectronics STMPE1801 Datasheet HTML 44Page - STMicroelectronics STMPE1801 Datasheet HTML 45Page - STMicroelectronics STMPE1801 Datasheet HTML 46Page - STMicroelectronics STMPE1801 Datasheet HTML 47Page - STMicroelectronics STMPE1801 Datasheet HTML 48Page - STMicroelectronics STMPE1801 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
STMPE1801
Keypad controller
Doc ID 17884 Rev 3
45/60
The KPC_LOCK bit is only used when a combination key is configured in the device. If there
is no combination key programmed, then this bit is not used. This command is used in
conjunction with the combination keys. After the device has entered the keypad lock state,
all subsequent key presses are ignored until the combinational key(s) are detected.
Thereafter, the device exits the lock state, sets the combinational key wakeup status in the
interrupt status register bit IS[4] and sends out the interrupt if it was enabled.
0: Writing 0 aborts the key lock
Writing a 0 to this bit cancels any earlier key lock execution command. If the device has
already entered the lock state, writing 0 exits the lock state.
This bit is readable by the Host and the read status is described as follows:
Reading [1]: KPC lock execution is not completed. It is either waiting for the key press to
stop to enter the lock state or it is already in the lock state.
Reading [0]: KPC is already not in lock state, and not waiting to enter lock state.
[0]SCAN:
1: to start scanning
0: to stop
Note:
All the key configurations and control must be completed before executing the scan
command. Any configuration and control change while scan is active is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com