Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF2N60S Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # CF2N60S
Description  Switch Mode Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CF2N60S Datasheet(HTML) 2 Page - Compact Technology Corp.

  CF2N60S Datasheet HTML 1Page - Compact Technology Corp. CF2N60S Datasheet HTML 2Page - Compact Technology Corp. CF2N60S Datasheet HTML 3Page - Compact Technology Corp. CF2N60S Datasheet HTML 4Page - Compact Technology Corp. CF2N60S Datasheet HTML 5Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CF2N60S
http://ctc-semicon.com
P2/5
■ DYNAMIC CHARACTERISTICS(Tc=25℃)
CHARACTERISTICS SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Capacitance
Ciss
VDS=25V,VGS=0V,
f=1.0MHZ
-
295
330
pF
output Capacitance
Coss
-
45
55
pF
Reverse Transfer
Capacitance
Crss
-
4.5
7
pF
■ SWITCHING CHARACTERISTICS(Tc=25℃)
CHARACTERISTICS SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Turn-On Delay Time
td(on)
VDD=300V,ID=2.0A,
RG=25Ω
-
10
28
ns
Turn-On Rise Time
tr
-
25
55
ns
Turn-Off Delay Time
td(off)
-
24
50
ns
Turn-Off Rise Time
tf
-
25
60
ns
Total Gate Charge
Qg
VDS=480V,ID=2.0A,
VGS=10V
-
6.8
12
nC
Gate-Source Charge
Qgs
-
2
-
nC
Gate-Drain Charge
Qgd
-
1.8
-
nC
■ DRAIN-SOURCE DIODE MAXIMUM RATINGS AND CHARACTERISTICS(Tc=25℃)
CHARACTERISTICS SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Max. Diode Forward
Cuurent
Is
-
-
2
A
Max. Pulsed Forward
Cuurent
ISM
-
-
8
A
Diode Forward Voltage
VSD
VGS=0V,IS=2.0A
-
-
1.4
V
Reverse Recovery Time
trr
VGS=0V,IS=2.0A,
dIF/dt=100A/μs
-
380
-
ns
Reverse Recovery Charge
Qrr
-
0.9
-
μ
C
V1.1 2014-01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com