Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S760 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # S760
Description  0.08 2mm x 0.374 LONG POWER PLUG, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

S760 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  S760 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.48
12.2
0.82
20.8
1.24
31.5
5/16-24 UNF-2A
THREAD
0.38
9.5
1.00
25.4
0.218
REF
5.5
1.42
36.1
0.374
9.5
0.06
1.6
SLEEVE TERMINAL
CABLE CLAMP
TIP TERMINAL
HANDLE
(SHIPPED
UNASSEMBLED)
0.08 ID REF
2
0.218 ID REF
5.5
NOTES:
1. MATERIALS:
CONDUCTORS - BRASS, NICKEL PLATED
TERMINALS - BRASS, TIN PLATED
INSULATORS, HANDLE - THERMOPLASTIC
2. THIS PRODUCT IS RoHS COMPLIANT
PART
NUMBER
HANDLE
COLOR
S760
BLACK
S765
RED
E
S760-S765
0.08 [2]mm x 0.374 LONG
POWER PLUG, RoHS
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
1
OF
1
SHEET
EB
3-24-92
EB
3-24-92
LR
3-24-92
TJK
JEB
11-13-08
25989
E
APVD
CHKD
BY
DATE DRAWN
2:1
*
SCALE
FIRST USED ON
*
SPEC No.
*
SPEC No.
*
MATERIAL
*
FINISH
*
*
*
*
*
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - S760

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S7600A SII-S7600A Datasheet
371Kb / 60P
Hardware Specification (TCP/IP Network Stack LSI)
logo
List of Unclassifed Man...
S76020100 ETC-S76020100 Datasheet
157Kb / 4P
FIBRE OPTICS
S76020300 ETC-S76020300 Datasheet
157Kb / 4P
FIBRE OPTICS
S76020400 ETC-S76020400 Datasheet
157Kb / 4P
FIBRE OPTICS
S76020500 ETC-S76020500 Datasheet
157Kb / 4P
FIBRE OPTICS
More results

Similar Description - S760

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
3M Electronics
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
logo
Pomona Electronics
72915 POMONA-72915 Datasheet
130Kb / 1P
2mm Sheathed Jack to 2mm Unsheathed Plug Adapter
logo
Harwin Plc
M80-8420242 HARWIN-M80-8420242 Datasheet
98Kb / 1P
DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
logo
Switchcraft, Inc.
761K SWITCH-761K Datasheet
225Kb / 1P
0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS
S760K SWITCH-S760K Datasheet
222Kb / 1P
0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
logo
LUMEX INC.
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
2mm X 5mm Rectangular LED
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
2mm X 6mm Cylindrical
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com