Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT113AA Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT113AA
Description  StreetfighterS LCD Game
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113AA Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT113AA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 11Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 12Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Speaker application
Note: The capacitor in dash block is recommended.
The IC substrate should be connected to VSS in the PCB layout artwork.
HT113AA
12
December 14, 1999
1
2
3
4
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26
27 28 29 30 31 32 33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
H T 113A A
6
L C D P ANE L
f = 512k H z
36k W
0. 1 m F
3V
4. 7 m F
0. 1 m F
S peak er
CO M 0
CO M 1
CO M 2
CO M 3
ST AR T / PA U S E
MU T E
ON / O F F
RE S E T
P U NCH
KI C K
8050
S E G 0 ~ S E G 3 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com