Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1330 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1330
Description  3 1/2 Digit Timer Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1330 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT1330 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Operational FlowChart
HT1330
6
August 10, 2000
No t e :
S 1 /S 2 : tw o k e y p r e s s e d s y n c h
S 1 / S 2/ S 3 : t hr ee k e y pr es s ed on t i m e
S 3 > 5 s : S 3 k e y i s p r e s s e d m o r e th a n 5 s
S 1 , S 2 , S 3 : th e k e y i s p r e s s e d
* : R e p r e s e n t s 1 H z fl a s h
#: R epr es ent s 2H z f l as h
Po w e r o n
S3
S3 > 5 s
A f t e r 2 se co n d
YE S
YE S
NO
E n t e r t he c o unt er M o d e
18: 8 8
* 0: 00
0: 01
Al a r m t e s t
C ount _ dow n
ti m e s e t ti n g
YE S
NO
* 12: 59
0: 0 0
YE S
S 1 /S 2 to B
S 1 /S 2 / S 3 t o A
S 1 t o a dj us t hou r - di gi t
S 2 t o a dj us t m i n ut e- di gi t
S 1 t o a d j u s t hou t - di gi t
S 2 t o a d j u s t m i n ut e- di gi t
C ount _ up M ode
C ount _ dow n M ode
OP
YE S
0: 00
NO
R eal t i m e pl ay i ng m ode
A
B
S1 / S 2
NO
S2
NO
#19 : 5 9
C ount _ dow n t i m e p l a y i ng
P i e z o s ounds 2 s ec onds f or a l a r m t es t
A l l s e gm ent on f o r L C D t e s t
R eal t i m e
se t t i n g
S1 / S 2
S3
S3
NO
A l a r m bi bi
YE S
A n y ke y t o
pr es s
B onded
opt i o n
S1 t o d i s p l a y
t he r eal t i m e
S 3 fo r s ta r t /
s t op c ount er
S 2 to s h o w th e
c ount num ber
C ount - u p
pl ay i n g
S1 , S3 ,
S1 / S 2 , S 1 / S 2 /
S3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com