Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1330 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1330
Description  3 1/2 Digit Timer Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1330 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1330 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Output Waveform
HT1330
5
August 10, 2000
10 m i n u t es b ef o r e set t i m e i s u p
2 s ec
1 s ec
0 s ec
5 m i n u t e s b e f o r e s et t i m e i s u p
0 s ec
1 s ec
2 s ec
Ti m e i s up
0 s ec
1 s ec
60 s ec
T i m e r b u sy f l ag o u t p u t
VD D
VS S
T i m e r i s c ount i ng up or dow n
62. 5 m s
62. 5 m s
62. 5 m s
62. 5 m s
62. 5 m s
Once the set time is reached, the alarm will
sound 60 seconds unless it is stopped by users
(by pressing S3), in which case the preset time
of the timer will remain unchanged or at 0:00
depending on the status of the option pin.
Pressing any one of the inputs (S1 or S2 or S3)
will stop the alarm during the period for which
the alarm is sounding.
At 0:00 in the timer mode, the alarm will sound
when S1 and S2 are simultaneously depressed.
This is for the alarm test only.
After the device is powered on, the alarm will
sound two seconds and all segments on the LCD
display panel be illuminated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com