Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1609L Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1609L
Description  2x 40 Channel LCD Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1609L Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1609L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 9Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Functional Description
The HT1609L is an LCD driver LSI with 2
×40
segment output channel. It operates with a con-
troller, such as HT163A, or another segment
driver LSI HT1608, HT1608L and HT1609L.
Clock
The CLK1 is the clock to latch data on the
falling edge. It latches the data input from the
bidirectional shift register at the falling edge of
CLK1 and transfers its outputs to the LCD
driver circuit. The CLK2 is the clock to shift
data on the falling edge. It shifts the serial data
at the falling of CLK2 and transfers the output
of each bit of the register to the latch circuit
(refer to Note 1).
Bidirectional shift register
The HT1609L supplies two sets of 40-bit shift
register, which controls the shift direction by
SHF1 & SHF2. The SHF1 controls the 1st 40-
bit shift register, and SHF2 controls the 2nd
40-bit shift register. When SHF1 is connected to
VDD, the 1st shift direction is from Y39 to Y0;
when SHF1 is connected to VSS, the shift direc-
tion changes from Y0 to Y39. When SHF2 is
connected to VDD, the 2nd shift direction is
from Y79 to Y40; when SHF2 is connected to
VSS, the shift direction changes from Y40 to
Y79 (refer to Note 2).
Data input/output
The DL1, DR1, DL2, DR2 are data input or
output option function. When SHF1 (SHF2) is
connected to VDD, the 40th bit data of the 1st
(2nd) 40-bit shift register outputs from DL1
(DL2) ; when SHF1 (SHF2) is connected to VSS
or open , the 1~40 (41~80) bits data from LCD
controller enter into the 1st (2nd) 40-bit shift
through DL1 (DL2).
When SHF1 (SHF2) is connected to VDD, the
1~40 (41~80) bit data from the LCD controller
enter into the 1st (2nd)40-bit shift register
through DR1 (DR2); when SHF1 (SHF2) is con-
nected to VSS or open , the 40th bit shift regis-
ter outputs from DR1 (DR2) (refer to Note 2).
LCD driver circuit
Select one of the four levels of voltage V1, V2,
V3,and V4 for driving an LCD and transfer it to
the output terminals according to the combina-
tion of alternate signal (ALT) and the data in
the latch circuit (refer to Note 1).
HT1609L
8
25th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com