Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1609L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1609L
Description  2x 40 Channel LCD Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1609L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1609L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT1609L
2
×40 Channel LCD Driver
Block Diagram
Features
•
Operating voltage: 2.7V~5.2V
•
Bias voltage: static~1/5 bias
•
LCD driving voltage: 3.0V~5.0V
•
2
×40 internal LCD drivers available
•
LCD driver with serial/parallel conversion
function
General Description
The HT1609L is an LCD driver LSI with 2
×40
output channels using CMOS technology. It is
equipped with two sets of 40-bit bidirectional
shift registers, 40-bit data latches, 40-bit LCD
drivers, and logic control circuits.
The HT1609L can convert serial data received
from an LCD controller into parallel data and
send out LCD driving waveforms to the LCD
panel. The HT1609L is designed for general
purpose LCD drivers. It can drive both static
and dynamic drive LCDs. The LSI can be used
as segment driver.
Applications
•
Electronic dictionaries
•
Portable computers
•
Remote controllers
•
Calculators
1
25th Aug ’98


Similar Part No. - HT1609L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
Hotchip Technology Co.,...
HT1606A HOTCHIP-HT1606A Datasheet
866Kb / 6P
Remove external light coupling and TL 431, save external FB feedback detection
HT1608 HOTCHIP-HT1608 Datasheet
414Kb / 4P
Primary-side feedback PFM converter
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
More results

Similar Description - HT1609L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
HT1608L HOLTEK-HT1608L Datasheet
557Kb / 12P
2x 20 Channel LCD Driver
27th Aug 98
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
List of Unclassifed Man...
NT3882 ETC-NT3882 Datasheet
227Kb / 9P
Dot Matrix LCD 40-Channel Driver
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
40-CHANNEL SEG/COM LCD DRIVER
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
NXP Semiconductors
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com