Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC02 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A.C. Characteristics
Ta=0
°C to 70°C
Symbol
Parameter
Remark
Standard Mode* VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
100
400
kHz
tHIGH
Clock High Time
4000
600
ns
tLOW
Clock Low Time
4700
1200
ns
tR
SDA and SCL Rise Time
Note
1000
300
ns
tF
SDA and SCL Fall Time
Note
300
300
ns
tHD:STA
START Condition Hold
Time
After this period
the first clock pulse
is generated
4000
600
ns
tSU:STA
START Condition
Setup Time
Only relevant for
repeated START
condition
4000
600
ns
tHD:DAT
Data Input Hold Time
0
0
ns
tSU:DAT
Data Input Setup Time
200
100
ns
tSU:STO
STOP Condition Setup
Time
4000
600
ns
tAA
Output Valid from
Clock
3500
900
ns
tBUF
Bus Free Time
Time in which the
bus must be free
before a new
transmission can
start
4700
1200
ns
tSP
Input Filter Time
Constant (SDA and SCL
Pins)
Noise suppression
time
—100
50
ns
tWR
Write Cycle Time
5
5
ms
Notes: These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.4V to 5.5V
For relative timing, refer to timing diagrams
HT24LC01/02
3
6th May ’99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com