Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6012 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT6012
Description  312 Series of Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6012 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT6012 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Address/data waveform
Each programmable address/data pin can be externally set to one of the following three logic states:
The ²Open² state data input is interpreted as logic high by the decoder since its output has only two
states.
Address/data programming (preset)
The status of each address/data pin can be individually preset to a logic ²high², ²low²,or ²floating².If
a transmission enable signal is applied, the encoder scans and transmits the status of the 12 bits of
address/data serially in the order A0 to AD11 for the HT6010 and A0 to D11 for the HT6012/HT6014.
If the trigger signal is not applied, the chip only consumes a standby current which is less than 1mA
(for VDD=5V).
The address pins are usually preset so as to transmit data codes with their own particular security codes
by the DIP switches or PCB wiring, while data is selected using push button or electronic switches.
Address/Data sequence
The following table provides the position of the address/data sequence for various models of the 312
series encoders. A correct device should be selected according to the requirements of the individual
address and data.
Part No.
Address/Data Bits
0123456789
10
11
HT6010
A0
A1
A2
A3
A4
A5
A6
A7
AD8 AD9 AD10 AD11
HT6012
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D10
D11
HT6014
A0
A1
A2
A3
A4
A5
A6
A7
D8
D9
D10
D11
312 Series of Encoders
7
December 13, 1999
"O n e "
" Z er o"
f OS C
" O p en"
A ddr es s / D a t a B i t
Address/Data bit waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com