Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6012 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6012
Description  312 Series of Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6012 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6012 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6012 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
312 Series of Encoders
Selection Table
Function Address
No.
Address/
Data No.
Data
No.
Oscillator
Trigger
LED
Indicator
Package
Part No.
HT6010
8
4
0
RC oscillator
TE
No
18/20 DIP
20 SOP
HT6012
10
0
2
RC oscillator
D10~D11
Yes
18 DIP/20 SOP
HT6014
8
0
4
RC oscillator
D8~D11
Yes
18 DIP/20 SOP
Note: Address/Data represents addressable pins or data according to the requirements of decoders.
1
December 13, 1999
General Description
The 312 encoders are a series of CMOS LSIs for
remote control system applications. They are ca-
pable of encoding 12 bits of information which
consists of N address bits and 12-N data bits.
Each address/data input is externally trinary
programmableifbondedout.Theyareotherwise
set floating internally. Various packages of the
312encoders offer flexible combinations of
programmable address/data which meet vari-
ous applications. The programmable ad-
dress/dataistransmittedtogetherwiththeheader
bitsviaanRForaninfraredtransmissionmedium
upon receipt of a trigger signal. A TE (HT6010) or
a DATA (HT6012/HT6014) trigger can be se-
lectedforapplicationflexibility.
Features
·
Operating voltage: 2.4V~12V
·
Low power and high noise immunity CMOS
technology
·
Low standby current
·
Minimum transmission word
-
Four words for TE trigger
-
One word for Data trigger
·
Built-in oscillator needs only 5% resistor
·
Easy interface with an RF or an infrared
transmission medium
·
Minimal external components
·
Package information: refer to Selection
Table
Applications
·
Burglar alarm system
·
Smoke and fire alarm system
·
Garage door controllers
·
Car alarm system
·
Security system
·
Cordless telephones
·
Other remote control systems


Similar Part No. - HT6012

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6012 HOLTEK-HT6012 Datasheet
168Kb / 13P
312 Series of Encoders
September 9, 2003
More results

Similar Description - HT6012

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
Series of Encoders
April 11, 2000
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
312 Series of Encoders
September 9, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
KODENSHI_AUK CORP.
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com