Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT817D0 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT817D0
Description  16.8-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT817D0 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT817D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HT817D0
9
March 15, 2000
¨
Level hold
When one of the 12 keys is pressed and held
down, the group corresponding to that held
key will play until the pressed key is re-
leased, then the group will immediately
stop regardless of the rest.
FLAG
When voices are playing, both FLAG1 and
FLAG2 pins are activated to output one of the
following signals through code option.
FLAG1 can be optioned as one of the following
signal outputs:
None, 3HzB flash, Busy, 6HzB flash, Voice indica-
tor, or End-pulse output
FLAG2, on the other hand, can be set as one of
the following signal outputs:
None, 3Hz flash, 6Hz flash, or Busy output
· 3Hz/3HzB flash
When voices are playing, the FLAG1 as well
as FLAG2 pin outputs a 3Hz signal to drive
an LED. The signal is active low, 25% duty.
Once the voice output is terminated, the
FLAG1 and FLAG2 pins become floating out-
puts. When the FLAG1 and the FLAG2 pins
are optioned as 3HzB and 3Hz outputs, they
will be alternately output at a 3Hz rate.
· 6Hz/6HzB flash
When voices are playing, the FLAG1 pin
outputs a 6Hz signal to drive an LED. The
signal is active low, 25% duty. Once the voice
output is terminated, the FLAG1 pin be-
comes a floating output. When FLAG1 and
FLAG2 pins are optioned as 6HzB and 6Hz
outputs, they will be alternately output at a
6Hz rate.
· Busy output
When a voice group is playing, the outputs of
both FLAG1 and FLAG2 are turned low, indi-
cating that the chip is busy.
AU D
FL A G
: F l oat i n g
AU D
FL A G
: F l o a t i n g
AU D
FL A G
: F l oat i n g
G roup N
G roup N
G roup N
KE Y N
AU D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com