| Electronic Components Datasheet Search |
|
HT827A0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT827A0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 49 page ![]() HT827A0 13 March 15, 2000 stack and then branching to subroutines at the specified location(s) in the program memory. Only the program counter is pushed onto the stack. The programmer must save the contents of the register or status register (STATUS) in advance if they are altered by an interrupt ser- vice program which corrupts the desired con- trol sequence. External interrupts are triggered by a high to low transition of INT. The related interrupt re- quest flag (EIF; bit 4 of INTC) are also set. When an interrupt is enabled, the stack is not full and the external interrupt is active, a sub- routine call to location 04H will occur. The in- terrupt request flag (EIF) and EMI bits will be cleared to disable other interrupts. The sampling rate counter interrupt is initial- ized by setting a sampling rate counter inter- rupt request flag (SRF; bit 5 of INTC), which is caused by a timer overflow. When an interrupt is enabled, the stack is not full and the SRF bit is set, a subroutine call to location 08H will oc- cur. The related interrupt request flag (SRF) will be reset and the EMI bit be cleared to dis- able further interrupts. The internal timer/event counter interrupt is initialized by setting a timer/event counter in- terrupt request flag (TF; bit 6 of INTC), which is caused by a timer overflow. When an inter- rupt is enabled, the stack is not full and the TF bit is set, a subroutine call to location 0CH will occur. The related interrupt request flag (TF) will be reset and the EMI bit will be cleared to disable further interrupts. During the execution of an interrupt subrou- tine, other interrupt acknowledgments are all held until the ²RETI² instruction is executed or the EMI bit and the related interrupt control bit are set to 1 (if the stack is not full). To return from an interrupt subroutine, ²RET² or ²RETI² may be invoked. RETI will set the EMI bit to enable an interrupt service, but RET will not. Interrupts occurring in an interval between the rising edges of two consecutive T2 pulses will be serviced at the latter of the two T2 pulses if the corresponding interrupts are enabled. In the case of simultaneous requests, they can be masked by resetting the EMI bit. The following table illustrates the priority of applying the si- multaneous requests: Register Bit No. Label Function INTC (0BH) 0 EMI Controls a master (global) interrupt (1=enabled; 0=disabled) 1 EEI Controls an external interrupt (1=enabled; 0=disabled) 2 ESI Controls a sampling rate counter interrupt (1=enabled; 0=disabled) 3 ETI Controls a timer/event counter interrupt (1=enabled; 0=disabled) 4 EIF External interrupt request flag (1=active; 0=inactive) 5 SRF Sampling rate counter request flag (1=active; 0=inactive) 6TF Internal timer/event counter request flag (1=active; 0=inactive) 7 ¾ Unused bit, read as ²0² INTC register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |