Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT827A0 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT827A0
Description  8-Bit Microcontroller with Voice ROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT827A0 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT827A0 Datasheet HTML 35Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 36Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 37Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 38Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 39Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 40Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 41Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 42Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
HT827A0
39
March 15, 2000
RET
Return from subroutine
Description
The program counter is restored from the stack. This is a two-cycle instruc-
tion.
Operation
PC ¬ Stack
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
RET A,x
Return and place immediate data in the accumulator
Description
The program counter is restored from the stack and the accumulator is
loaded with the specified 8-bit immediate data.
Operation
PC ¬ Stack
ACC ¬ x
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
RETI
Return from interrupt
Description
The program counter is restored from the stack, and interrupts enabled by
setting the EMI bit. EMI is an enable master (global) interrupt bit (bit 0; reg-
ister INTC).
Operation
PC ¬ Stack
EMI ¬ 1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
RL [m]
Rotate data memory left
Description
The contents of the specified data memory are rotated 1 bit to the left with
bit 7 rotated into bit 0.
Operation
[m].(i+1) ¬ [m].i; [m].i:bit i of the data memory (i=0~6)
[m].0 ¬ [m].7
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com