Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85XXX Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT85XXX
Description  Green Voice
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85XXX Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT85XXX Datasheet HTML 2Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HT85XXX
6
August 24, 2000
PCM/ADPCM synthesizer
The HT85XXX family contains a PCM and
ADPCM synthesizer. The synthesizer offers a
wide range of sampling rates from 4kHz to
24kHz for PCM synthesis and 4kHz to 16kHz
for ADPCM synthesis. The sampling rate of the
synthesizer can be changed by writing a control
value to the sampling rate register. It also sup-
ports a small variety of 100Hz. For a higher
performance sound quality, the PCM coding is
required. But for a longer recording capacity,
the ADPCM coding is recommended.
The capability of the voice sampling rate for
various voice compression format.
fOSC
PCM8
m-law
PCM
AD4
4M
12kHz
11kHz
8kHz
5M
15kHz
14kHz
10kHz
6M
18kHz
16kHz
12kHz
8M
24kHz
22kHz
16kHz
Oscillator configuration
The HT85XXX series provides an RC oscillator
for the system clock. The system oscillator
stops in the standby state so as to reduce power
consumption.
For the oscillator circuit, an external resistor is
required between OSC and VSS. The oscillator
frequency is typically 4MHz for an external re-
sistor of 240kW. The RC type of oscillator offers
the most cost-effective solution, although the
frequency of the oscillation may vary with tem-
perature and the chip itself due to process vari-
ation.
ROSC
fOSC
HT84EVA HT84P00
IC
4M
180kW
240kW
240kW
5M
150kW
210kW
210kW
6M
120kW
180kW
180kW
8M
91kW
150kW
150kW
Mask options
The following options have to be defined to en-
sure a proper system functioning:
· Pull-high resistor: 33kW/98kW (3V)
· Key debounce time: 0ms~255ms (fOSC=4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com