Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85XXX Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT85XXX
Description  Green Voice
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85XXX Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT85XXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 10Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Circuits
Basic application
HT85XXX
7
August 24, 2000
PA1
PA2
PA3
PA0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
OU T 7
OU T 6
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
EA SY 4
PA1
PA2
PA3
PA0
TR 1
TR 2
TR 3
TR 4
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
OU T 6
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
EA SY 8
TR 5
TR 6
TR 7
TR 8
PA1
PA2
PA3
PA0
TR 1
TR 2
TR 3
TR 4
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
EA SY 1 2
TR 5
TR 6
TR 7
TR 8
TR 9
TR 1 0
TR 1 1
TR 1 2
OS C
OU T 8
VD D
8050
VSS
R OS C
PA1
PA2
PA3
PA0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
OU T 7
OU T 6
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
EA SY 4 - 1
OS C
VSS
R OS C
OS C
VSS
R OS C
OS C
VSS
R OS C
PP0
PP1
PD A
AU D
VD D
8050
PP0
PP1
PD A
AU D
VD D
8050
PP0
PP1
PD A
AU D
VD D
8050
PP0
PP1
PD A
AU D
1 m F
1 m F
V DD
1 m F
1 m F
V DD
V DD
V DD
TR 1
TR 2
TR 3
TR 4
TR 1
TR 2
TR 3
TR 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com