Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG12B0 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG12B0
Description  4-Bit Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12B0 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG12B0 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Input Voltage ......................VSS-0.3 to VDD+0.3
Storage Temperature.................-50°Cto125°C
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
3.6
V
IDD
Operating Current
3V No load,
fSYS=512kHz
¾
200
300
mA
ISTB
Standby Current,
(fSYS OFF and RTC ON,
LCD ON)
3V Halt mode
¾
10
15
mA
VIL
Input Low Voltage
3V
¾
0
¾
0.2VDD V
VIH
Input High Voltage
3V
¾
0.8VDD
¾
VDD
V
IOL1
PA, PB, BZ and BZ
Output Sink Current
3V VOL=0.3V
1.5
3
¾
mA
IOH1
PA, PB, BZ and BZ
Output Source Current
3V VOH=2.7V
-0.5
-1
¾
mA
IOL2
Segment Output Sink
Current
3V VOL=0.44V
VLCD=4.4V
100
200
¾mA
IOH2
Segment Output Source
Current
3V VOH=4.0V
VLCD=4.4V
30
60
¾mA
RPH
Pull-high Resistor
3V PS, PM, RES,
TMCLK
50
100
150
kW
VLCD
VLCD Output Voltage
3V
¾
3.96
4.4
4.84
V
HTG12B0
6
September 8, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com