Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG12B0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HTG12B0
Description  4-Bit Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12B0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HTG12B0 Datasheet HTML 1Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Pad Description
Pad No.
Pad Name
I/O
Mask
Option
Description
4~7
94, 1~3
PS3~PS0
PM3~PM0
I
Pull-high or
None.
Note 2
Input pins for input only
8
TMCLK
I
Pull-high
or None.
Note 4
Input for TIMER clock
TIMER can be clocked by an external clock or an
internal frequency source.
9
RES
I
¾
Input to reset an internal LSI
Reset is active on logical low level.
17~14
10~13
PA3~PA0
PB3~PB0
I/O
CMOS or
NMOS with
Pull-high or
None.
Note 3
Input/output pins
19, 20
BZ, BZ
O
Note 1
Sound effect outputs
21
VDD
I
¾
Positive power supply
23
22
OSCI
OSCO
I
O
¾
An external resistor between OSCI and OSCO is
needed for internal system clock.
25
24
XIN
XOUT
I
O
¾
32768Hz crystal oscillator for time base, LCD
clock
26
VSS
I
¾
Negative power supply, GND
27~30
VLC1~VLC4
I
¾
LCD system power 1/4 bias generated
31~34
VOUT1~VOUT4
I
¾
LCDsystemvoltageboostercondenserconnecting
terminal
35~50
COM15~COM0
O
¾
Output for LCD panel common plate
51~90
SEG39~SEG0
O
¾
LCD driver outputs for LCD panel segment
93
18
92
91
T512
T1D
TEST1
TEST2
O
O
I
I
For test mode only
TEST1 and TEST2 are left open when the chip is
in normal operation (with an internal pull-high
resistor).
Note: 1. The system clock provides six different sources selectable by mask option to drive the
sound effect clock. If the Holtek sound library is used, only 128K and 64K are acceptable.
2. Each bit of ports PM, PS can be a trigger source of the HALT interrupt, selectable by
mask option.
3. Each bit of ports PA, PB can be selected as CMOS for output pin only, or as NMOS for
I/O pin with pull-high resistor or none by mask option.
4. 14 internal clock sources can be selected by mask option to drive TMCLK. Note that
TMCLK should not be connected to a pull high resistor if an internal source is used.
HTG12B0
5
September 8, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com