Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0731 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-0731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0731 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0731 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1-119
Figure 10. Test Circuit for Transient Immunity and Typical Waveforms.
Figure 9. Switching Test Circuit.
VO
PULSE GEN.
Z
= 50
Ω
t = 5 ns
O
r
I MONITOR
F
IF
0.1µF
L
R
+5 V
C = 15 pF
L
RM
7
5
6
8
2
3
4
1
1.5 V
5 V
tPHL
O
V
IF
OL
V
0
5 V
tPLH
1.5 V
OL
V
O
V
IF
VO
IF
0.1 µF
L
R
+5 V
A
B
PULSE GEN.
VCM
+
–
VFF
CC
R
(SEE NOTE 7)
110
Ω
O
V
5 V
OL
V
O
V
10 V
0 V
10%
90% 90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 1.6 mA
F
CM
V
tr
tf
t , t = 16 ns
rf
7
5
6
8
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com