Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0731 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-0731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0731 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-0731 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0731 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1-110
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-2731#XXX
020 = 5000 V rms/1 Minute UL Rating Option.*
300 = Gull Wing Surface Mount Option, 50 per tube.**
500 = Tape and Reel Packaging Option, 1000 per reel.
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
*For HCPL-2731 and HCPL-2730 only.
**Gull wing surface mount option applies to through hole parts only.
Schematic
IF2
6
5
GND
3
4
VO2
VF2
IO2
+
–
IF1
8
7
V
CC
1
2
V
O1
ICC
V
F1
IO1
–
+
HCPL-2731/0731 SHIELD
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com