Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2730 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL2730
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2730 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL2730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1-116
Device
Parameter
Sym.
HCPL- Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
2731
25
100
µsT
A = 25°C
6, 7,
2
Time to Logic
0731
8, 9
Low at Output
120
IF = 0.5 mA
Rl = 4.7 k
Ω
2730
5
20
TA = 25°C
2731
0730
0731
25
IF = 1.6 mA, Rl = 2.2 kΩ
0.5
2
TA = 25°C
3IF = 12 mA, Rl = 270 Ω
Propagation Delay
tPLH
2731
10
60
µsT
A = 25°C
7, 8,
2
Time to Logic
0731
9
High at Output
90
IF = 0.5 mA, Rl = 4.7 kΩ
2730
10
35
TA = 25°C
2731
0730
0731
50
IF = 1.6 mA, Rl = 2.2 kΩ
110
TA = 25°C
15
IF = 12 mA, Rl = 270 Ω
Common Mode
|CMH|
1000
10000
V/
µsI
F = 0 mA, TA = 25°C,
10
2, 6,
Transient Immunity
Rl = 2.2 k
Ω
7
at Logic High
|VCM| = 10 Vp-p
Output
Common Mode
|CML
1000
10000
V/
µsI
F = 1.6 mA, TA = 25°C,
Transient Immunity
Rl = 2.2 k
Ω
at Logic Low Level
|VCM| = 10 Vp-p
Output
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
Switching Specifications (AC)
Over recommended operating conditions (TA = 0°C to 70°C), VCC = 5 V, unless otherwise specified.
(See note 8.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com