Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2730 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL2730
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2730 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL2730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2730 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1-117
Package Characteristics
Device
Parameter
Symbol HCPL- Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%,
4, 9
Withstand Voltage**
t = 1 min.,
Option 020
2730
5000
4, 10
2731
Resistance
RI-O
1012
Ω
VI-O = 500 VDC
4
(Input-Output)
RH
≤ 45%
Capacitance
CI-O
0.6
pF
f = 1 MHz
11
(Input-Output)
Input-Input Insulation
II-I
0.005
µA
RH
≤ 45%
5
Leakage Current
VI-I = 500 VDC
Input-Input Insulation
RI-I
1011
Ω
5
Leakage Current
Capacitance
CI-I
2730
0.03
pF
5
(Input-Input)
2731
0730
0.25
0731
*All Typical values at T
A = 25°C unless otherwise noted.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if appli-
cable), your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance
Voltage.”
Notes:
1. Pin 5 should be the most negative
voltage at the detector side.
2. Each channel.
3. DC CURRENT TRANSFER RATIO
(CTR) is defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
4. Device considered a two-terminal
device: pins 1, 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8
shorted together.
5. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together.
6. Common mode transient immunity in a
Logic High level is the maximum
tolerable (positive) dVCM/dt of the
TA = 25°C
common mode pulse, VCM, to assure
that the output will remain in a Logic
High state (i.e., VO > 2.0 V). Common
mode transient immunity in a Logic
Low level is the maximum tolerable
(negative) dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in a Logic Low state
(i.e., VO < 0.8 V).
7. In applications where dV/dt may
exceed 50,000 V/
µs (such as static
discharge) a series resistor, RCC,
should be included to protect the
detector IC from destructively high
surge currents. The recommended
value is RCC = 110 Ω.
8. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8
adjacent to the device is
recommended.
9. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
> 3000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
10. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
> 6000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
11. Measured between the LED anode and
cathode shorted together and pins 5
through 8 shorted together.
12. Derate linearly above 65
°C free-air
temperature at a rate of 2.3 mW/
°C for
the SO-8 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com