Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0630 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0630
Description  High CMR Line Receiver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0630 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1-321
Switching Specifications
Over recommended temperature (T
A = 0°C to +70°C), VCC = 5 V, II = 7.5 mA, unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
75
ns
TA = 25°C
Time to High Output
tPLH
20
48
6, 7, 8
3
Level
100
ns
Propagation Delay
75
ns
TA = 25°C
Time to Low Output
tPHL
25
50
6, 7, 8
4
Level
100
ns
RL = 350 Ω
Pulse Width
|tPHL-tPLH|
3.5
35
ns
CL = 15 pF
9
13
Distortion
Propagation Delay
tPSK
40
ns
12,
Skew
13
Output Rise Time
tr
24
ns
12
(10-90%)
Output Fall Time
tf
10
ns
12
(90-10%)
Propagation Delay
tELH
30
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
5
VEH to VEL
Propagation Delay
tEHL
20
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
6
VEL to VEH
Common Mode
HCPL-2602
1000 10,000
VCM = 50 V
VO(MIN) = 2 V,
Transient
|CMH|V/µsRL = 350 Ω,
13
7, 9,
Immunity at High
HCPL-2612
3500 15,000
VCM = 300 V II = 0 mA,
10
Output Level
TA = 25°C
Common Mode
HCPL-2602
1000 10,000
VCM = 50 V
VO(MAX) = 0.8 V,
Transient
|CML|V/µsRL = 350 Ω,
13
8, 9
Immunity at Low
HCPL-2612
3500 15,000
VCM = 300 V II = 7.5 mA,
10
Output Level
TA = 25°C
*All typicals at V
CC = 5 V, TA = 25°C.
Package Characteristics
All Typicals at TA = 25°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min.,
2, 11
Withstand Voltage*
TA = 25°C
Input-Output Resistance
RI-O
1012
Ω
VI-O = 500 Vdc
2
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz
2
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com