Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0630 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-0630
Description  High CMR Line Receiver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0630 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-0630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1-314
High CMR Line Receiver
Optocouplers
Technical Data
HCPL-2602
HCPL-2612
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
Features
• 1000 V/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 50 V for HCPL-2602
and 3.5 kV/
µs Minimum
CMR at VCM = 300 V for
HCPL-2612
• Line Termination Included –
No Extra Circuitry Required
• Accepts a Broad Range of
Drive Conditions
• LED Protection Minimizes
LED Efficiency Degradation
• High Speed: 10 MBd
(Limited by Transmission
Line in Many Applications)
• Guaranteed AC and DC
Performance over
Temperature: 0
°C to 70°C
• External Base Lead Allows
“LED Peaking” and LED
Current Adjustment
• Safety Approval
UL Recognized – 2500 V rms
for 1 Minute
CSA Approved
• MIL-STD-1772 Version
Available (HCPL-1930/1)
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
Applications
• Isolated Line Receiver
• Computer-Peripheral
Interface
• Microprocessor System
Interface
• Digital Isolation for A/D,
D/A Conversion
• Current Sensing
• Instrument Input/Output
Isolation
• Ground Loop Elimination
• Pulse Transformer
Replacement
• Power Transistor Isolation
in Motor Drives
Description
The HCPL-2602/12 are optically
coupled line receivers that
combine a GaAsP light emitting
diode, an input current regulator
and an integrated high gain photo
detector. The input regulator
serves as a line termination for
line receiver applications. It
clamps the line voltage and
regulates the LED current so line
reflections do not interfere with
circuit performance.
The regulator allows a typical
LED current of 8.5 mA before it
starts to shunt excess current.
The output of the detector IC is
1
2
3
4
8
7
6
5
IN–
IN+
GND
V
VCC
O
VE
NC
CATHODE
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD
5965-3585E


Similar Part No. - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0630 HP-HCPL-0630 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
162Kb / 10P
Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0630 AVAGO-HCPL-0630 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630 AVAGO-HCPL-0630 Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
High CMR, High Speed Optocouplers
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
High CMR, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com