Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-643K Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-643K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643K Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1-529
Electrical Characteristics
TA = -55°C to +125°C, 4.5 V ≤ VCC ≤ 5.25 V, 6 mA ≤ IF(ON) ≤ 10 mA, 0 V ≤ VF(OFF) ≤ 0.7 V,
unless otherwise specified.
Limits
Parameter
Sym.
Test Conditions
Subgroups
Min. Typ.*
Max. Units Fig.
Notes
Low Level Output Voltage
VOL
IOL = 8.0 mA (5 TTL Loads)
1, 2, 3
0.3
0.5
V
1
9
High Level Output Voltage
VOH
IOH = -4.0 mA
1, 2, 3
2.4
V
2
9
Output Leakage Current
IOHH VO = 5.25 V, VF = 0.7 V
1, 2, 3
100
µA9
Logic High
Single
ICCH
VCC = 5.25 V, VE = 0 V
1, 2, 3
17
26
mA
Channel
(Single Channel Only)
Dual Channel
34
52
13
Logic Low
Single
ICCL
1, 2, 3
19
26
mA
Channel
Dual Channel
38
52
13
Input Forward Voltage
VF
IF = 10 mA
1, 2, 3
1.0
1.35
1.85
V
4
9
Input Reverse Break-
VR
IR = 10 µA
1, 2, 3
3.0
4.8
V
9
down Voltage
Input-Output Insulation
II-O
VI-O = 1500 Vdc, RH = 45%,
1
1.0
µA
2, 3
Leakage Current
t = 5 s
Propagation Delay Time
tPHL
9, 10, 11
33
60
ns
5,
4, 9
Logic Low Output
6, 7
Propagation Delay Time
tPLH
9, 10, 11
30
60
ns
5,
4, 9
Logic High Output
6, 7
Pulse Width
PWD
9, 10, 11
3
35
ns
5,
4, 9
Distortion
6, 7
Logic High Common
|CMH|VCM = 50 VP-P, IF = 0 mA
9, 10, 11
500
3000
V/
µs
11
5, 9,
Mode Transient Immunity
11
Logic Low Common
|CML|VCM = 50 VP-P, IF = 6 mA
9, 10, 11
500
3000
V/
µs
11
5, 9,
Mode Transient Immunity
11
Single Channel Product Only
Limits
Parameter
Sym.
Test Conditions
Subgroups
Min. Typ.*
Max. Units Fig.
Notes
Logic High Enable
VEH
1, 2, 3
2.0
V
Voltage
Logic Low Enable
VEL
1, 2, 3
0.8
V
Voltage
Logic High Enable
IEH
VE = 2.4 V
1, 2, 3
20
µA
VE = 5.25 V
1, 2, 3
100
Logic Low Enable
IEL
VE = 0.4 V
1, 2, 3
-0.28
-0.4
mA
Current
High Impedance State
ICCZ
VCC = 5.25 V,
1, 2, 3
22
28
mA
Supply Current
VE = 5.25 V
High Impedance State
IOZL
VO = 0.4 V, VE = 2 V
1, 2, 3
-20
µA
IOZH
VO = 2.4 V, VE = 2 V
20
VO = 5.25 V, VE = 2 V
100
*All typical values are at VCC = 5 V, TA = 25°C, IF = 8 mA except where noted.
Group A[10]
Current
Output Current
Group A[10]
Supply
Current
Supply
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com