Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-643K Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-643K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643K Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1-534
MIL-PRF-38534 Class H,
Class K, and DESC SMD
Test Program
Hewlett-Packard’s Hi-Rel Opto-
couplers are in compliance with
MIL-PRF-38534 Classes H and K.
Class H devices are also in
compliance with DESC drawings
5962-89570, and 5962-89571.
Testing consists of 100% screen-
ing and quality conformance
inspection to MIL-PRF-38534.
Data Rate and Pulse-
Width Distortion
Definitions
Propagation delay is a figure of
merit which describes the finite
amount of time required for a
system to translate information
from input to output when
shifting logic levels. Propagation
delay from low to high (tPLH)
specifies the amount of time
required for a system’s output to
change from a Logic 0 to a Logic
1, when given a stimulus at the
input. Propagation delay from
high to low (tPHL) specifies the
amount of time required for a
system’s output to change from a
Logic 1 to a Logic 0, when given
a stimulus at the input (see
Figure 5).
When tPLH and tPHL differ in
value, pulse width distortion
results. Pulse width distortion is
defined as |tPHL -tPLH| and
determines the maximum data
rate capability of a distortion-
limited system. Maximum pulse
width distortion on the order of
25-35% is typically used when
specifying the maximum data rate
capabilities of systems. The exact
figure depends on the particular
application (RS-232, PCM, T-1,
etc.).
These high performance opto-
couplers offer the advantages of
specified propagation delay (tPLH,
tPHL), and pulse width distortion
(|tPLH -t PHL|) over temperature
and power supply voltage ranges.
Figure 13. Recommended HCPL-5400 Interface Circuit.
GND
VCC
HCPL-5400
226
Ω
VCC1 = +5 V
TTL
LSTTL
STTL
HCMOS
TOTEM
POLE
OUTPUT GATE
(e.g. 54AS1000)
DATA
OUT
2
DATA
IN
1
GND 2
Y
0.1 µF
274
Ω
30 pF
A
GND 1
Y = A
VCC2 = 5 V
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com