Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SD11YXPCF Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC3SD11YXPCF
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD11YXPCF Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC3SD11YXPCF Datasheet HTML 5Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 6Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 7Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 8Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 9Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 10Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 11Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 12Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
● Recommended Foot Print (reference)
9
SMT Gullwing Lead-form
Wide SMT Gullwing Lead-form
2.2
10.2
2.2
8.2
(Unit : mm)
PC3SD11NTZ Series
■ Design Considerations
In order for the Phototriac to turn off, the triggering current (IF) must be 0.1mA or less.
Please refrain from using these devices in a direct drive configuration.
These Phototriac Coupler are intended to be used as triggering device for main Triacs.
Please ensure that the output rating of these devices will be sufficient for triggering the main output Triac of
your choice. Failure to do may result in malfunctions.
In phase control applications or where the Phototriac Coupler is being by a pulse signal, please ensure that
the pulse width is a minimum of 1ms.
For designs that will experience excessive noise or sudden changes in load voltage, please include an
appropriate snubber circuit as shown in the below circuit.
Please keep in mind that Sharp Phototriac Couplers incorporate superor dV/dt ratings which can often
eliminate the need for a snubber circuit.
● Degradation
In general, the emission of the IRED used in Phototriac Couplers will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these Phototriac Couplers should
provide at least twice the minimum required triggering current from initial operation.
● Design guide
Sheet No.: D2-A07501EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com