Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SD11YXPCF Datasheet(PDF) 12 Page - Sharp Corporation

Part # PC3SD11YXPCF
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD11YXPCF Datasheet(HTML) 12 Page - Sharp Corporation

Back Button PC3SD11YXPCF Datasheet HTML 8Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 9Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 10Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 11Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 12Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 13Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 14Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 15Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
PC3SD11NTZ Series
Sheet No.: D2-A07501EN
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com