Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI5962 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLI5962
Description  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5962 Datasheet(HTML) 1 Page - STMicroelectronics

  FLI5962 Datasheet HTML 1Page - STMicroelectronics FLI5962 Datasheet HTML 2Page - STMicroelectronics FLI5962 Datasheet HTML 3Page - STMicroelectronics FLI5962 Datasheet HTML 4Page - STMicroelectronics FLI5962 Datasheet HTML 5Page - STMicroelectronics FLI5962 Datasheet HTML 6Page - STMicroelectronics FLI5962 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2010
Doc ID 15018 Rev 2
1/7
7
FLI5962, FLI5962H,
FLI5968H, FLI5928H
Multi-function LCD monitor controllers up to WUXGA
Features
■ Triple ADC and PLL up to 205 MHz
■ Integrated Ultra-Reliable DVI® receiver up to
165 MHz (FLI5962 and FLI5962H)
■ Integrated HDMI 1.1 receiver up to 165 MHz
(FLI5968H and FLI5928H)
■ HDCP supported with FLI59xxH versions
■ ITU656 video input
■ ITU601 (16-bit) video input
■ Variable PIP window up to 640 x 480
■ DCDi Edge® processing
■ MADi, film mode detection, temporal noise
reduction and cross color suppression for
SDTV
■ Response Time Compensation (RTC)
■ Frame Rate Conversion (FRC)
■ Panoramic scaling for wide output resolutions
■ TV color controls using ACC and ACM-3D
■ Faroudja® Truelife™ horizontal enhancements
■ Versatile OSD controller for high quality
bitmap-like TV OSD
■ Embedded x86 microprocessor with external
SPI Flash ROM
■ Dual LVDS transmitter for direct interconnect to
LCD panels up to WUXGA 60 Hz
■ Package: 256 PQFP
Applications
■ Multi-function LCD monitors up to WUXGA
resolutions
■ Mid-range LCD TVs with PC and HDTV
connectivity
OSD
Controller
Memory
Controller
External
SDR Memory Interface
Analog Front End
Tripple ADC
YPrPb /
RGB Inputs
Sync Slicer
VBI
Processing
Video
VCR
Trick Mode
Detection
Input
Format
Measureme
nt
DDC2bi
Interface
DDC2bi
Slave 1
Main Channel
Input Processor
PIP Channel
Input Processor
H Sync
Sync
Processor
GPIO's
General
Purpose Input /
Outputs
Clock
Generation
Low Bandwidth Analog Inputs
SPI Serial PROM Interface
Internal Micro-
processor Bus
Embedded
Micro-
processor
Low
Bandwidth
ADC
ROM
RAM
Display Processing
Variable Zoom
Scaling
Horizontal Edge
Enhancement
(HEM)
Response Time
Compensation
Aspect Ratio
Conversion
Separate H & V
Scaling
PIP Image
Processing
Separate H & V
Scaling
3x3 Matrix
Image Enhancement
De-interlacer
Output
Formatter
Dual
LVDS
Tx
LVDS
Output
24-bit
TTL Output
Two-wire
Interface
Two-wire
Serial
Master 1
Two-wire
Interface
Two-wire
Serial
Master 2
PWM
Interface
PWM
HDMI Audio
Interface
(FLI5968/28
only)
SPDIF
DDC2bi
Interface
DDC2bi
Slave 2
Test Pattern
Generator
ITU656
VBI Parsing
ITU601
(FLI5962
only)
HDMI
HDMI Rx
HDCP
Test Pattern
Generator
V Sync
ACC/ACM-II or
ACM-3D
3x3 Matrix
16-bit TTL
Input
Four I2C
www.st.com


Similar Part No. - FLI5962

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
logo
STMicroelectronics
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
Single-chip enhanced LCD TV controller
03-Nov-2008
FLI30502-AC STMICROELECTRONICS-FLI30502-AC Datasheet
199Kb / 7P
Single-chip analog TV processor
08-Sep-2008
More results

Similar Description - FLI5962

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1739 GMT-AT1739 Datasheet
834Kb / 1P
LCD Panel Step-up Converter with Analog Multi Function Outputs
logo
Rohm
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
Multi- function LCD Segment Drivers
BU97510CKV-M ROHM-BU97510CKV-M_16 Datasheet
1Mb / 32P
Multi- function LCD Segment Drivers
BU97550KV-M ROHM-BU97550KV-M_15 Datasheet
4Mb / 73P
Multi-function LCD Segment Drivers
BU97981KV-E2 ROHM-BU97981KV-E2 Datasheet
2Mb / 50P
Multi-function LCD Segment Drivers
logo
LG Semicon Co.,Ltd.
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
42.0 WUXGA TFT LCD
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
47.0 WUXGA TFT LCD
LP171WU1 LG-LP171WU1 Datasheet
910Kb / 27P
17.1 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
24.0??WUXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com