Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI5962 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLI5962
Description  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5962 Datasheet(HTML) 2 Page - STMicroelectronics

  FLI5962 Datasheet HTML 1Page - STMicroelectronics FLI5962 Datasheet HTML 2Page - STMicroelectronics FLI5962 Datasheet HTML 3Page - STMicroelectronics FLI5962 Datasheet HTML 4Page - STMicroelectronics FLI5962 Datasheet HTML 5Page - STMicroelectronics FLI5962 Datasheet HTML 6Page - STMicroelectronics FLI5962 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
FLI5962, FLI5962H, FLI5968H, FLI5928H
2/7
Doc ID 15018 Rev 2
1
Description
The FLI59xx family of controllers are highly integrated mixed signal LCD controllers for
multi-function LCD monitors and LCD TV applications supporting up to WUXGA resolutions.
The FLI59xx has integrated advanced video image processing from Faroudja as well as a
proven ADC/PLL and Ultra-Reliable DVI or HDMI 1.1 compatible digital receiver with FRC to
ensure proven PC graphics compatibility.
With Emmy award winning Faroudja DCDi® technology incorporating horizontal
enhancement technology, advanced TV color control with Adaptive Contrast and Color
(ACC) and Active Color Management-3D (ACM-3D), in addition to industry leading Motion
Adaptive De-interlacing (MADi), advanced film mode detection, and response time
compensation, the FLI59xx processes SDTV inputs to output images that are crisper with
life-like quality.
The integrated picture-in-picture, embedded microcontroller, versatile OSD engine, low
bandwidth general purpose ADC, and dual LVDS transmitters (or optional 24-bit TTL output)
enables cost-effective HDTV-ready multi-function LCD monitor or LCD TV solutions.
The FLI59xx family of controllers includes the following products:
●
FLI5962 supports up to 1920 x 1200 resolutions with DVI
●
FLI5962H supports up to 1920 x 1200 resolutions with DVI and HDCP
●
FLI5968H supports up to 1920 x 1200 resolutions with HDMI and HDCP
●
FLI5928H supports up to 1366 x 768 resolutions with HDMI and HDCP
Figure 1.
System diagram
FLI59xx
1Mx16
1Mx16
NVRAM
ITU656
Video
Decoder
Keypad with IR
ADC
(Optional)
S-Video
VGA
DVI/HDMI
LVDS to Panel
Composite
YPbPr
SPI ROM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com