Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-3003 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HPMX-3003
Description  1.5 - 2.5 GHz LNA Switch PA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3003 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HPMX-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-82
1.5 – 2.5 GHz LNA Switch PA
Technical Data
Features
• GaAs MMIC LNA-Switch-
Power Amp for 1.5 – 2.5 GHz
Transceiver Use
• LNA: 2.2 dB NF, 13 dB Ga @
1.9 GHz
• Switch: 55 dBm OIP @
1.9 GHz
• Power Amp: +4 dBm in,
+27.5 dBm out, 23.5 dB Gain,
35%
η
add @ 1.9 GHz
• 3 or 5 V Operation
• JEDEC Standard SSOP-28
Surface Mount Package
Applications
• Personal Communications
Systems (PCS)
• Cordless Telephone Systems
• 2400 MHz Wireless LANs
and ISM Band Spread
Spectrum Applications
HPMX-3003
Description
Hewlett-Packard’s HPMX-3003
combines a Low Noise Amplifier,
GaAs MMIC switch, and 27.5 dBm
power amp in a single miniature
28 lead surface mount plastic
package. This RFIC would
typically serve as the “front end”
and power stage of a battery
operated wireless transceiver for
PCS or ISM band use. Each
section of the RFIC can also be
used independently.
The single-supply LNA makes use
of the low noise characteristics of
GaAs to create a matched, broad-
band amplifier with target perfor-
mance of 13 dB gain and 2.2 dB
noise figure. The switch provides
+55 dBm IP3 for linear operation.
The power amplifier produces up
to 820 mW with 35% power added
efficiency.
The HPMX-3003 is fabricated with
Hewlett-Packard’s GaAs MMIC
process, and features a nominal
0.5 micron recessed Schottky-
barrier-gate, gold metallization,
and silicon nitride passivation to
produce MMICs with superior
performance, uniformity and
reliability.
Plastic SSOP-28
Package Pin
Configuration
Functional Block Diagram
PA out
PA in
(VG1)
C2
C1
LNA out
SW2
Antenna
SW1
LNA in
VD2
VD1
VG2
HPMX
3003
YYWW
5965-1403E


Similar Part No. - HPMX-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
Silicon Bipolar RFIC 900 MHz Driver Amplifier
More results

Similar Description - HPMX-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
1.5-2.5 GHz Upconverter/ Downconverter
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
TriQuint Semiconductor
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
5 GHz WLAN Switch / LNA FEM
logo
Texas Instruments
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com