Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IL716
Description  High Speed Four-Channel Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 10Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IL715/IL716/IL717
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
5 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL715 and IL715-3
IDD1
24
30
µA
IL715-1
350
500
µA
IL716
3.6
5
mA
IL717
1.8
2.5
mA
Output Quiescent Supply Current
IL715
IDD2
7.2
10
mA
IL716
3.6
5
mA
IL717
5.4
7.5
mA
Logic Input Current
II
−10
10
µA
Logic High Output Voltage
VOH
VDD − 0.1
VDD
V
IO = −20 µA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 5V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF
Pulse Width Distortion(2)
PWD
2
3
CL = 15 pF
Pulse Jitter(10)
tJ
100
ps
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%−90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10%−90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
30
50
kV/µs
V
CM = 1500 VDC
t
TRANSIENT = 25 ns
Channel-to-Channel Skew
t
CSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
200
340
μA/Mbps
per channel
Magnetic Field Immunity(8) (VDD2= 5V, 3V<VDD1<5.5V)
Power Frequency Magnetic Immunity
HPF
2800
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4000
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4000
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5
Notes (apply to both 3.3 V and 5 V specifications):
1.
Absolute maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee performance.
2.
PWD is defined as |t
PHL − tPLH|. %PWD is equal to PWD divided by pulse width.
3.
t
PSK is the magnitude of the worst-case difference in tPHL and/or tPLH between devices at 25°C.
4.
CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD
2. CML is the maximum
common mode input voltage that can be sustained while maintaining V
O < 0.8 V. The common mode voltage slew rates apply to both rising
and falling common mode voltage edges.
5.
Device is considered a two terminal device: pins 1–8 shorted and pins 9–16 shorted.
6.
Dynamic power consumption is calculated per channel and is supplied by the channel’s input side power supply.
7.
Minimum pulse width is the minimum value at which specified PWD is guaranteed.
8.
The relevant test and measurement methods are given in the Electromagnetic Compatibility section on p. 7.
9. External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin” (see diagram on p. 7).
10. 66,535-bit pseudo-random binary signal (PRBS) NRZ bit pattern with no more than five consecutive 1s or 0s; 800 ps transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com