Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL716
Description  High Speed Four-Channel Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL716 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IL715/IL716/IL717
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. AA
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
High Speed Four-Channel Digital Isolators
Functional Diagrams
IL715
IL716
IL717
IN
1
IN
2
OUT
3
OUT
4
OUT
1
OUT
2
IN
3
IN
4
OUT
1
OUT
2
OUT
3
IN
4
OUT
1
OUT
2
OUT
3
OUT
4
IN
1
IN
2
IN
3
IN
4
IN
1
IN
2
IN
3
OUT
4
Features
• High speed: 110 Mbps
• High temperature: −40°C to +125°C (“T” and “V” Series)
• High isolation voltage: 5 kVRMS per UL 1577 (V-Series)
• High working voltage: 1 kVRMS per VDE 0884 (V-Series)
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• No carrier or clock for low EMI emissions and susceptibility
• 1.2 mA/channel typical quiescent current
• 100 ps pulse jitter
• 2 ns channel-to-channel skew
• 10 ns typical propagation delay
• 44000 year barrier life
• Excellent magnetic immunity
• VDE 0884 / IEC 60747-5-5 certified; UL 1577 recognized
• 0.15", 0.3", and True 8™ mm 16-pin SOIC; 16-pin QSOP packages
Applications
• ADCs and DACs
• Digital Fieldbus
• Multiplexed data transmission
• Board-to-board communication
• Ground loop elimination
• Parallel bus
• Logic level shifting
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications
Description
NVE’s IL715, IL716, and IL717 four-channel high-speed digital isolators
are CMOS devices manufactured with NVE’s patented* IsoLoop®
spintronic Giant Magnetoresistive (GMR) technology.
A unique ceramic/polymer composite barrier provides excellent isolation
and virtually unlimited barrier life.
All transmit and receive channels operate at 110 Mbps over the full
temperature and supply voltage range. The symmetric magnetic coupling
barrier provides a typical propagation delay of only 10 ns and a pulse width
distortion of 2 ns, achieving the best specifications of any isolator.
Typical transient immunity of 50 kV/µs is unsurpassed. High channel
density makes these devices ideal for isolating ADCs and DACs, parallel
buses and peripheral interfaces.
The IL715, IL716, and IL717 are available in 16-pin 0.3" and 0.15" SOIC,
and ultraminiature QSOP packages.
Performance is specified over a temperature range of −40°C to +100°C.
“T” and “V” Series parts have a maximum operating temperature of 125°C.
V-Series versions offer high isolation voltage of 5 kVRMS.


Similar Part No. - IL716

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL716 ETC1-IL716 Datasheet
128Kb / 7P
Four Channel Digital Isolators
logo
NVE Corporation
IL716 NVE-IL716 Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL716-1E NVE-IL716-1E Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL716-3 NVE-IL716-3 Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL716-3E NVE-IL716-3E Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
More results

Similar Description - IL716

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
Four Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
Four-Channel, 5kVRMS Digital Isolators
2020
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com