Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jun-11
5
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
IF
20
mA
ILQ1
IF
20
mA
ILD2
IF
5mA
ILQ2
IF
5mA
ILD5
IF
10
mA
ILQ5
IF
10
mA
Delay
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
tD
0.8
μs
ILQ1
tD
0.8
μs
ILD2
tD
1.7
μs
ILQ2
tD
1.7
μs
ILD5
tD
1.7
μs
ILQ5
tD
1.7
μs
Rise time
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
tr
1.9
μs
ILQ1
tr
1.9
μs
ILD2
tr
2.6
μs
ILQ2
tr
2.6
μs
ILD5
tr
2.6
μs
ILQ5
tr
2.6
μs
Storage
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
ts
0.2
μs
ILQ1
ts
0.2
μs
ILD2
ts
0.4
μs
ILQ2
ts
0.4
μs
ILD5
ts
0.4
μs
ILQ5
ts
0.4
μs
Fall time
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
tf
1.4
μs
ILQ1
tf
1.4
μs
ILD2
tf
2.2
μs
ILQ2
tf
2.2
μs
ILD5
tf
2.2
μs
ILQ5
tf
2.2
μs
Propagation H to L
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
tPHL
0.7
μs
ILQ1
tPHL
0.7
μs
ILD2
tPHL
1.2
μs
ILQ2
tPHL
1.2
μs
ILD5
tPHL
1.1
μs
ILQ5
tPHL
1.1
μs
Propagation L to H
VCE = 5 V, RL = 75 , 50 % of VPP
ILD1
tPLH
1.4
μs
ILQ1
tPLH
1.4
μs
ILD2
tPLH
2.3
μs
ILQ2
tPLH
2.3
μs
ILD5
tPLH
2.5
μs
ILQ5
tPLH
2.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com