Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix ILQ2 Datasheet HTML 10Page - Vishay Siliconix ILQ2 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jun-11
8
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 8 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 9 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 10 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 11 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 12 - Collector Emitter Current vs. Temperature and LED
Current
iild1_05
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
TA = - 55 °C
TA = 100 °C
TA = 25 °C
iild1_06
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR (SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE= 10 V,IF = 10 mA
TA= 25 °C
CTRce(sat)VCE= 0.4 V
iild1_07
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR (SAT)
NCTR
IF - LED Current (mA)
Normalized to:
VCE =10V, IF = 10 mA,TA= 25 °C
TA= 50 °C
CTRce(sat) VCE = 0.4 V
iild1_08
100
10
1
0.1
0.0
0.5
1.0
1.5
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
V
CE
= 10 V, I
F
= 10 mA
T
A
= 25 °C
CTRce(sat)V
CE
= 0.4 V
T
A
= 70 °C
iild1_09
0.1
1
10
100
1.5
1.0
0.5
0.0
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE= 10 V, IF = 10 mA, TA = 25 °C
CTRce(sat) VCE = 0.4 V
TA= 85 °C
iild1_10
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
I
F
- LED Current (mA)
25 °C
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com