Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01QF Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99H01QF
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99H01QF Datasheet HTML 45Page - STMicroelectronics L99H01QF Datasheet HTML 46Page - STMicroelectronics L99H01QF Datasheet HTML 47Page - STMicroelectronics L99H01QF Datasheet HTML 48Page - STMicroelectronics L99H01QF Datasheet HTML 49Page - STMicroelectronics L99H01QF Datasheet HTML 50Page - STMicroelectronics L99H01QF Datasheet HTML 51Page - STMicroelectronics L99H01QF Datasheet HTML 52Page - STMicroelectronics L99H01QF Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
DocID15567 Rev 6
49/53
L99H01
Package and packing information
52
Table 49. LQFP32 mechanical data
Dim.
Millimeter
Min.
Typ.
Max.
A
1.60
A1
0.05
0.15
A2(1)
1.
LQFP stands for low profile quad flat pachage.
Low profile: Body thickness (A2 = 1.40 mm)
1.35
1.40
1.45
b
0.30
0.37
0.45
c
0.09
0.20
D
8.80
9.00
9.20
D1
6.80
7.00
7.20
D3
5.60
E
8.80
9.00
9.20
E1
6.80
7.00
7.20
E3
5.60
e0.80
L
0.45
0.60
0.75
L1
1.00
Κ
0°
3.5°
7°
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com