Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H34063AS Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC Converter Integrate Circuit Devices?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200202
Issued Date : 2000.02.01
Revised Date : 2002.04.22
Page No. : 2/6
H34063AS
HSMC Product Specification
Pin Connections
Pin1:Switch Collector
Pin5:Comparator Inverting Input
Pin2:Switch Emitter
Pin6:Vcc
Pin3:Timing Capacitor
Pin7:Ipk Sense
12
3
4
5
6
7
8
Pin4:Gnd
Pin8:Driver Collector
Absolute Maxium Rating
Supply Voltage ...................................................................................................................... 40 V
Comparator Input Voltage Range ........................................................................... -0.3 V ~ 40 V
Switch Collector Voltage ....................................................................................................... 40 V
Switch Emitter Voltage .......................................................................................................... 40 V
Switch Collector to Emitter Voltage ....................................................................................... 40 V
Driver Collector Voltage ........................................................................................................ 40 V
Switch Current ...................................................................................................................... 1.6A
Power Dissipation DIP Package Ta=25
°C ....................................................................... 625 mW
Thermal Resistance Junction to Air ............................................................................. 160
°C / W
Operating Junction Temperature ....................................................................................... 125
°C
Operating Ambient Temperature Range ........................................................................ 0 ~ 70
°C
Storage Temperature Range ............................................................................... -40
°C ~ 125 °C
Electrical Characteristics (Vcc=5V,Ta=25
°C, unless otherwise specified)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Oscillator
Charging Current
5.0V
≤VCC≤40V
Ichg
24
35
42
uA
Discharge Current
5.0V
≤VCC≤40V
Idischg
140
220
260
uA
Voltage Amplitude
Pin3
VOSC
-0.6
-
V
Discharge to Charge Current Ratio VIPK(Sense) =VCC
IDischg/Ichg
5.2
6.5
7.5
Current Limit Sense Voltage
IChg=Idischg
VIPK(Sence)
250
300
350
mV
Output Switch
Saturation Voltage, Darlington
Connection
ISW=1.0A,
VC(Driver)=VC(Switch)
VCE(Sat)
-1.0
1.3
V
Saturation Voltage
ISW=1.0A,
IC(Driver)=50mA
(Forced
β ≈ 20)
VCE(Sat)
-0.4
0.7
V
DC Current Gain
ISW=1.0A, VCE=5.0V
hFE
50
75
-
V
Collector Off-State Current
VCE=40V
ICC(Off)
-
0.01
100
uA
Comparator
Threshold Voltage
Threshold Voltage
0
°C≤Ta≤70°C
VFB
1.227
1.210
1.250
-
1.273
1.29
V
Threshold Voltage Line Regulation 3.0V
≤VCC≤40V
Regline
-
1.5
6
mV
Input Bias Current
VIN=0V
IIB
-
-20
-400
nA
Supply Current
VIPK(Sence)=VCC
VPin5
>VFB,
5.0V
≤VCC≤40V
CT=0.0001uF,Pin2=Gnd
Remaining pins open
ICC
-1.6
3
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com