Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H34063AS Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC Converter Integrate Circuit Devices?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200202
Issued Date : 2000.02.01
Revised Date : 2002.04.22
Page No. : 3/6
H34063AS
HSMC Product Specification
Block Diagram
Application Information
Design Formula Table
Calculation
Step-Down
Step-Up
Voltage-Inverting
ton / toff
Vout+VF /
Vin(min) -Vsat-VOut
Vout+VF-Vin(min) /
Vin(min)-Vsat
|Vout| + VF /
Vin-Vsat
(ton + toff) max
1/Fmin
1/Fmin
1/Fmin
CT
4*10
-5ton
4*10
-5ton
4*10
-5ton
IC(switch)
2*Iout(max)
2*Iout(max)(ton+toff/toff)2*Iout(max)(ton+toff/toff)
RS
0.3 / IC(switch)
0.3 / IC(switch)
0.3 / IC(switch)
L(min)
(Vin(min)-Vsat-Vout / IC(switch))
*ton(max)
(Vin(min)-Vsat / IC(switch))
*ton(max)
(Vin(min)-Vsat/ IC(switch))
*ton(max)
CO
IC(switch)*(ton+toff) /
8VRipple(P-P)
Iout*ton / VRipple(P-P)
Iout*ton / VRipple(P-P)
Vsat : Saturation voltage of the output switch.
VF : Forward voltage drop of the ringback rectifier.
The following power supply characteristics must be chosen :
Vin : Nominal input voltage.
Vout : Desired output voltage. |Vout|=1.25*(1+RB/RA)
Iout- Desired output current
Fmin : Minimum desired output switching frequency at the selected values for Vin and Iout.
VRipple(P-P) : Desired peak to peak output ripple voltage in practice, the calculated value will need to be increased due
to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept to a low value since
it will directly effect the line and load regulation.
SC
Pin1:1.6A Switch Collector
TC
Pin3:Oscilletor Timing Capacitor
GND
Pin4:Power GND
DRI
Pin8:Driver Collector
IPK
Pin7:Highside Current Sense
Input, VCC-VIPK=300mV
VCC
Pin6:Power Supply Input
FB
Pin5:Feedback Comparator
Inverting Input
SE
Pin2:Darlington Switch Emitter
Q1
Q2
80
Ω
QS
R
CT
IPK
Oscillator
Comparator
1.25V
Reference Voltage
+
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com